Part Number Hot Search : 
DTA113T CM6903B TIP33BF 906CD TU1000 MAX70 151YL APTGT20
Product Description
Full Text Search
 

To Download SBL16XXCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SBL16XXCT, SBLF16xxCT & SBLB16xxCT Series
Reverse Voltage 30 to 40 Volts Dual Schottky Barrier Rectifiers Forward Current 16.0 Amperes
Features
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 Dual rectifier construction, positive center tap Metal silicon junction, majority carrier conduction Low power loss, high efficiency Guardring for overvoltage protection For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications High temperature soldering guaranteed: 250C/10 seconds, 0.25" (6.35mm) from case
Mechanical Data
Case: JEDEC TO-220AB, ITO-220AB & TO-263AB molded plastic body Terminals: Plated leads, solderable per MIL-STD-750, Method 2026 Polarity: As marked Mounting Position: Any Mounting Torque: 10 in-lbs maximum Weight: 0.08 ounce, 2.24 grams TO-220AB
ITO-220AB
TO-263AB(D2PAK)
Mounting Pad Layout TO-263AB
Dimensions in inches and (millimeters)
369
Maximum Ratings and Electrical Characteristics
( TC = 25oC unless otherwise noted )
Parameter Maximum repetitive peak reverse voltage Working peak reverse voltage Maximum DC blocking voltage Maximum average forward rectified current at TC=95oC Total device Per leg
Symbol VRRM VRWM V DC IF(AV) IFSM VF
S B L 1630C T 30 30 30 16 8.0 250 0.55 0.5
S B L 1640C T 40 40 40
Unit Volts Volts Volts Amps Amps Volt
Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) per leg Maximum instantaneous forward voltage per leg at 8.0A (Note 4) Maximum instantaneous reverse current at rated DC blocking voltage per leg (Note 4) TC=25 C TC=100 C
o o
IR 50 RJC VISOL TJ TSTG SBL 2.0 / SBLF 4.0 / SBLB 2.0 4500 (Note 1) 3500 (Note 2) 1500 (Note 3) -55 to +125 -55 to +150
o
mA
Typical thermal resistance from junction to case per leg RMS Isolation voltage (SBLF type only) from terminals to heatsink with t = 1.0 second, RH < 30% Operating junction temperature range Storage temperature range
Notes:
C/W
Volts
o
C C
o
1. Clip mounting (on case), where lead does not overlap heatsink with 0.110" offset 2. Clip mounting (on case), where leads do overlap heatsink 3. Screw mounting with 4-40 screw, where washer diameter is < 4.9 mm (0.19") 4. Pulse test: 300us pulse width, 1% duty cycle
370
RATINGS AND CHARACTERISTIC CURVES
( TA = 25oC unless otherwise noted )
371


▲Up To Search▲   

 
Price & Availability of SBL16XXCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X